Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS Datasheet(PDF) 3 Page - International Rectifier

Part # 16TTS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS Datasheet(HTML) 3 Page - International Rectifier

  16TTS Datasheet HTML 1Page - International Rectifier 16TTS Datasheet HTML 2Page - International Rectifier 16TTS Datasheet HTML 3Page - International Rectifier 16TTS Datasheet HTML 4Page - International Rectifier 16TTS Datasheet HTML 5Page - International Rectifier 16TTS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
16TTS.. Series
Triggering
P
GM
Max. peak Gate Power
8.0
W
P
G(AV) Max. average Gate Power
2.0
+ I
GM Max. paek positive Gate Current
1.5
A
- V
GM Max. paek negative Gate Voltage
10
V
I
GT
Max. required DC Gate Current
90
mA
Anode supply = 6V, resistive load, T
J = - 65°C
to trigger
60
Anode supply = 6V, resistive load, T
J = 25°C
35
Anode supply = 6V, resistive load, T
J = 125°C
V
GT
Max. required DC Gate Voltage
3.0
V
Anode supply = 6V, resistive load, T
J = - 65°C
to trigger
2.0
Anode supply = 6V, resistive load, T
J = 25°C
1.0
Anode supply = 6V, resistive load, T
J = 125°C
V
GD
Max. DC Gate Voltage not to trigger
0.2
T
J = 125°C, VDRM = rated value
I
GD
Max. DC Gate Current not to trigger
2.0
mA
T
J = 125°C, VDRM = rated value
Parameters
16TTS..
Units
Conditions
Switching
Parameters
16TTS..
Units
Conditions
t
gt
Typical turn-on time
0.9
µs
T
J = 25°C
t
rr
Typical reverse recovery time
4
T
J = 125°C
t
q
Typical turn-off time
110
T
J
Max. Junction Temperature Range
- 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 125
R
thJC
Max. Thermal Resistance Junction
1.3
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
62
to Ambient
R
thCS
Typ. Thermal Resistance Case
0.5
Mounting surface, smooth and greased
to Ambient
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220AC
Thermal-Mechanical Specifications
Parameters
16TTS..
Units
Conditions
Kg-cm
(Ibf-in)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com