Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS Datasheet(PDF) 1 Page - International Rectifier

Part # 16TTS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS Datasheet(HTML) 1 Page - International Rectifier

  16TTS Datasheet HTML 1Page - International Rectifier 16TTS Datasheet HTML 2Page - International Rectifier 16TTS Datasheet HTML 3Page - International Rectifier 16TTS Datasheet HTML 4Page - International Rectifier 16TTS Datasheet HTML 5Page - International Rectifier 16TTS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PHASE CONTROL SCR
Bulletin I2115
16TTS.. SERIES
V
T
<1.4V @ 10A
I
TSM
= 200A
V
R/ VD= 1200V
Description/Features
The 16TTS.. new series of silicon controlled recti-
fiers are specifically designed for medium power
switching and phase control applications. The
glass passivation technology used has reliable
operation up to 125° C junction temperature.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identi-
cal package outlines.
Major Ratings and Characteristics
TO-220AC
Capacitive input filterTA = 55°C,TJ = 125°C,
13.5
17
A
common heatsink of 1°C/W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge Units
I
T(AV)
Sinusoidal
10
A
waveform
I
RMS
16
A
V
RRM/
V
DRM
800 and 1200
V
I
TSM
200
A
V
T
@ 10 A, T
J
= 25°C
1.4
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
16TTS..S
Units
Also available in SMD-220 package (series 16TTS..S)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 16TTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
98Kb / 7P
PHASE CONTROL SCR TO-220 FULLPAK
16TTS IRF-16TTS Datasheet
119Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
Phase Control SCR, 10 A
16-Sep-08
logo
International Rectifier
16TTS08 IRF-16TTS08 Datasheet
93Kb / 7P
PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
Phase Control SCR, 10 A
16-Sep-08
More results

Similar Description - 16TTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
PHASE CONTROL SCR
logo
International Rectifier
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com