Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS Datasheet(PDF) 4 Page - International Rectifier

Part # 16TTS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS Datasheet(HTML) 4 Page - International Rectifier

  16TTS Datasheet HTML 1Page - International Rectifier 16TTS Datasheet HTML 2Page - International Rectifier 16TTS Datasheet HTML 3Page - International Rectifier 16TTS Datasheet HTML 4Page - International Rectifier 16TTS Datasheet HTML 5Page - International Rectifier 16TTS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
16TTS.. Series
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Rating Characteristics
90
95
100
105
110
115
120
125
0246
8
10
12
30°
60°
90°
120°
180°
Conduction An gle
Average On-state Current (A)
16TTS.. Series
R
(DC) = 1.3 K/W
thJC
90
95
100
105
110
115
120
125
02468
10
12
14
16
DC
30°
60°
90°
120°
180°
Conduction Period
Average On-state Current (A)
16TTS.. Series
R
(DC) = 1.3 K/W
thJC
0
5
10
15
20
0
2468
10
12
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average On-state Current (A)
16TTS..
T = 125°C
J
0
5
10
15
20
25
0
2
4
6
8
10 12 14 16 18
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
16TTS..
T = 125°C
J
80
100
120
140
160
180
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
16TTS..Series
60
80
100
120
140
160
180
200
220
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
16TTS.. Series
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com