Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2402 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2402
Description  Dual Audio Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2402 Datasheet(HTML) 1 Page - Analog Devices

  SSM2402 Datasheet HTML 1Page - Analog Devices SSM2402 Datasheet HTML 2Page - Analog Devices SSM2402 Datasheet HTML 3Page - Analog Devices SSM2402 Datasheet HTML 4Page - Analog Devices SSM2402 Datasheet HTML 5Page - Analog Devices SSM2402 Datasheet HTML 6Page - Analog Devices SSM2402 Datasheet HTML 7Page - Analog Devices SSM2402 Datasheet HTML 8Page - Analog Devices SSM2402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
PIN CONNECTIONS
14-Pin Epoxy DIP
(P-Suffix)
16-Pin SOL
(S-Suffix)
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual Audio
Analog Switches
SSM2402/SSM2412
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
“Clickless” Bilateral Audio Switching
Guaranteed “Break-Before-Make” Switching
Low Distortion: 0.003% typ
Low Noise: 1 nV/
√Hz
Superb OFF-Isolation: 120 dB typ
Low ON-Resistance: 60
typ
Wide Signal Range: VS =
18 V; 10 V rms
Wide Power Supply Range:
20 V max
Available in Dice Form
GENERAL DESCRIPTION
The SSM2402/SSM2412 are dual analog switches designed spe-
cifically for high performance audio applications. Distortion and
noise are negligible over the full audio operating range of 20 Hz to
20 kHz at signal levels of up to 10 V rms. The SSM2402/
SSM2412 offer a monolithic integrated alternative to expensive
and noisy relays or complex discrete JFET circuits. Unlike conven-
tional general-purpose CMOS switches, the SSM2402/SSM2412
provide superb fidelity without audio “clicks” during switching.
Conventional TTL or CMOS logic can be used to control the
switch state. No external pull-up resistors are needed. A “T”
configuration provides superb OFF-isolation and true bilateral
operation. The analog inputs and outputs are protected against
overload and overvoltage.
An important feature is the guaranteed “break-before-make”
for all units, even IC-to-IC. In large systems with multiple
switching channels, all separate switching units must open be-
fore any switch goes into the ON-state. With the SSM2402/
SSM2412, you can be certain that multiple circuits will all
break-before-make.
The SSM2402/SSM2412 represent a significant step forward in
audio switching technology. Distortion and switching noise are
significantly reduced in the new SSM2402/SSM2412 bipolar-
JFET switches relative to CMOS switching technology. Based
on a new circuit topology that optimizes audio performance,
the SSM2402/SSM2412 make use of a proprietary bipolar-
JFET process with thin-film resistor network capability. Nitride
capacitors, which are very area efficient, are used for the propri-
etary ramp generator that controls the switch resistance transi-
tion. Very wide bandwidth amplifiers control the gate-to-source
voltage over the full audio operating range for each switch. The
ON-resistance remains constant with changes in signal amplitude
and frequency, thus distortion is very low, less than 0.01% max.
The SSM2402 is the first analog switch truly optimized for
high-performance audio applications. For broadcasting and
other switching applications which require a faster switching
time, we recommend the SSM2412—a dual analog switch with
one-third of the switching time of the SSM2402.


Similar Part No. - SSM2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402 AD-SSM2402 Datasheet
322Kb / 12P
Dual Audio Analog Switches
REV.A
SSM2402P AD-SSM2402P Datasheet
322Kb / 12P
Dual Audio Analog Switches
REV.A
SSM2402S AD-SSM2402S Datasheet
322Kb / 12P
Dual Audio Analog Switches
REV.A
More results

Similar Description - SSM2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402 AD-SSM2402 Datasheet
322Kb / 12P
Dual Audio Analog Switches
REV.A
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
Dual, 5??Analog Switches
Rev 0; 8/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
SSM2412 AD-SSM2412_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com