Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFS3607
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFS3607 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFS3607 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AUIRFS3607
AUIRFSL3607
S
D
G
VDSS
75V
RDS(on) typ.
7.34m
:
max.
9.0m:
ID
80A
D2Pak
AUIRFS3607
TO-262
AUIRFSL3607
Features
l
Advanced Process Technology
l
Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications
is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions. Ambient temperature (TA)
is 25°C, unless otherwise specified.
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
EAS (Thermally limited)
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche CurrentÙ
A
EAR
Repetitive Avalanche Energy f
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.045
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak i
–––
40
Max.
80
56
310
0.96
300(1.6mm from case)
°C
A
°C/W
120
46
14
140
27
-55 to + 175
± 20
2014-8-27
1
www.kersemi.com


Similar Part No. - IRFS3607

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS3607 ISC-IRFS3607 Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRFS3607 EVVOSEMI-IRFS3607 Datasheet
813Kb / 4P
Single N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRFS3607PBF IRF-IRFS3607PBF Datasheet
425Kb / 11P
HEXFET Power MOSFET
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3607

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com