Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFS3607
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFS3607 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFS3607 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AUIRFS/SL3607
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.096 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.34
9.0
mΩ
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
115
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
56
84
Qgs
Gate-to-Source Charge
–––
13
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
16
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
40
–––
RG(int)
Internal Gate Resistance
–––
0.55
–––
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
43
–––
tf
Fall Time
–––
96
–––
Ciss
Input Capacitance
–––
3070
–––
Coss
Output Capacitance
–––
280
–––
Crss
Reverse Transfer Capacitance
–––
130
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
–––
380
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
610
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
33
50
TJ = 25°C
VR = 64V,
–––
39
59
TJ = 125°C
IF = 46A
Qrr
Reverse Recovery Charge
–––
32
48
TJ = 25°C
di/dt = 100A/μs
f
–––
47
71
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.9
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ns
nC
pF
–––
–––
–––
–––
80
310
A
μA
nA
nC
ns
ID = 46A
RG = 6.8Ω
VGS = 10V f
VDD = 49V
ID = 46A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 46A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mAd
VGS = 10V, ID = 46A f
VDS = VGS, ID = 100μA
VDS = 75V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 38V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V h
VGS = 0V, VDS = 0V to 60V g
Conditions
VDS = 50V, ID = 46A
ID = 46A
VGS = 20V
VGS = -20V
2014-8-27
2
www.kersemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com