Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFS3607
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFS3607 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFS3607 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFS3607 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Qualification Information†
3L-D2 PAK
MSL1
3L-TO-262
RoHS Compliant
Yes
ESD
Machine Model
Class M4(+/- 600V )
†††
AEC-Q101-002
Human Body Model
Class H1C(+/- 2000V )
†††
AEC-Q101-001
Charged Device Model
Class C5(+/- 2000V )
†††
AEC-Q101-005
Moisture Sensitivity Level
N/A
Qualification Level
Automotive
(per AEC-Q101)
††
Comments:
This
part
number(s)
passed
Automotive
qualification.
IR’s
Industrial
and
Consumer
qualification
level is
granted
by
extension of the higher Automotive level.
AUIRFS/SL3607
2014-8-27
3
www.kersemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com