Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC Datasheet(PDF) 1 Page - International Rectifier

Part # IRC
Description  Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC Datasheet(HTML) 1 Page - International Rectifier

  IRC Datasheet HTML 1Page - International Rectifier IRC Datasheet HTML 2Page - International Rectifier IRC Datasheet HTML 3Page - International Rectifier IRC Datasheet HTML 4Page - International Rectifier IRC Datasheet HTML 5Page - International Rectifier IRC Datasheet HTML 6Page - International Rectifier IRC Datasheet HTML 7Page - International Rectifier IRC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - IRC

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
IRC-PB ASM-SENSOR-IRC-PB Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB151 ASM-SENSOR-IRC-PB151 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB21 ASM-SENSOR-IRC-PB21 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB301 ASM-SENSOR-IRC-PB301 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PBCF ASM-SENSOR-IRC-PBCF Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
More results

Similar Description - IRC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com