Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520VL Datasheet(PDF) 1 Page - International Rectifier

Part # IRF520VL
Description  Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520VL Datasheet(HTML) 1 Page - International Rectifier

  IRF520VL Datasheet HTML 1Page - International Rectifier IRF520VL Datasheet HTML 2Page - International Rectifier IRF520VL Datasheet HTML 3Page - International Rectifier IRF520VL Datasheet HTML 4Page - International Rectifier IRF520VL Datasheet HTML 5Page - International Rectifier IRF520VL Datasheet HTML 6Page - International Rectifier IRF520VL Datasheet HTML 7Page - International Rectifier IRF520VL Datasheet HTML 8Page - International Rectifier IRF520VL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF520VS
IRF520VL
HEXFET® Power MOSFET
01/18/02
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.4
RθJA
Junction-to-Ambient (PCB Mounted, steady state)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 0.165Ω
ID = 9.6A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low on-
resistance per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating
die sizes up to HEX-4. It provides the highest power capability and the
lowest possible on-resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF520VL) is available for low-profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
Description
PD - 94306
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
‡
9.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
‡
6.8
A
IDM
Pulsed Drain Current
‡
37
PD @TC = 25°C
Power Dissipation
44
W
Linear Derating Factor
0.29
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

9.2
A
EAR
Repetitive Avalanche Energy

4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
D2Pak
IRF520VS
TO-262
IRF520VL
°C/W


Similar Part No. - IRF520VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520VLPBF IRF-IRF520VLPBF Datasheet
225Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRF520VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520V IRF-IRF520V Datasheet
200Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com