Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856444 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856444
Description  125 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856444 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856444_15 Datasheet HTML 1Page - TriQuint Semiconductor 856444_15 Datasheet HTML 2Page - TriQuint Semiconductor 856444_15 Datasheet HTML 3Page - TriQuint Semiconductor 856444_15 Datasheet HTML 4Page - TriQuint Semiconductor 856444_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 856444
125 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/07
© TriQuint Semiconductor
Page 4 of 5
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Ω
Single-ended
Input
1,2,3,4,
6,7,8,9
50
Ω
Ω
Ω
Ω
56pF
10
5
109nH
50
Ω
Ω
Ω
Ω
56pF
144nH
50
Ω
Single-ended
Output
Marking
PCB Footprint
ID Dot
Date Code
XXXXXX
856444
SAWTEK
9.29
1.19
1.01
1.70
5.00
3.55
1.53
1.01
1.19
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
5.1
8.0
Ø1.5
4.0
2.0
0.3
1.6
Section A-A
9.4
A
1.75
7.5
16.0
A
Ø1.5
ID dot
2.0
Ø13.0
Ø20.2
Ø102
2.7
16.8
Ø330
Direction of travel
Dimensions shown are nominal in millimeters
Packaging quantity: 2000 units/reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com