Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856444 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856444
Description  125 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856444 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856444_15 Datasheet HTML 1Page - TriQuint Semiconductor 856444_15 Datasheet HTML 2Page - TriQuint Semiconductor 856444_15 Datasheet HTML 3Page - TriQuint Semiconductor 856444_15 Datasheet HTML 4Page - TriQuint Semiconductor 856444_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856444
125 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/07
© TriQuint Semiconductor
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-10 to +85
oC
Parameter
(3)
Minimum
Typical
(4)
Maximum
Unit
Center Frequency
-
125
-
MHz
Insertion Loss at Fo
4
5.9
7
dB
1 dB Lower Frequency
1 dB Upper Frequency
-
125.2
124.73
125.26
124.8
-
MHz
MHz
8 dB Lower Frequency
8 dB Upper Frequency
124.4
-
124.43
125.55
-
125.6
MHz
MHz
20 dB Lower Frequency
20 dB Upper Frequency
123.8
-
124.12
125.88
-
126.2
MHz
MHz
Amplitude Variation
124.8 - 125.2 MHz
-
0.55
1.0
dB p-p
Passband Ripple
-
0.01
0.2
dB
Group Delay Variation
124.8 - 125.2 MHz
124.9 - 125.1 MHz
-
-
68
37
300
100
nsec
nsec
Absolute Delay
124.8 - 125.2 MHz
0.7
0.93
1.7
µsec
Absolute Attenuation
10.0 - 112.0 MHz
112.0 - 115.5 MHz
115.5 - 119.0 MHz
119.0 - 121.6 MHz
121.6 - 123.2 MHz
123.2 - 123.8 MHz
126.2 - 126.8 MHz
126.8 - 128.4 MHz
128.4 - 131.0 MHz
131.0 - 134.5 MHz
134.5 - 138.0 MHz
138.0 - 450.0 MHz
55
43
40
34
25
20
20
25
34
40
43
55
70
65
59
45
37
33
33
37
45
59
68
58
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/Output VSWR
124.8 - 125.2 MHz
-
1.3
2.3
-
Source Impedance
(5)
-
50
-
Load Impedance
(5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown on page 4
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
This is the optimum impedance in order to achieve the performance shown



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com