Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856444 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856444
Description  125 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856444 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856444_15 Datasheet HTML 1Page - TriQuint Semiconductor 856444_15 Datasheet HTML 2Page - TriQuint Semiconductor 856444_15 Datasheet HTML 3Page - TriQuint Semiconductor 856444_15 Datasheet HTML 4Page - TriQuint Semiconductor 856444_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856444
125 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/07
© TriQuint Semiconductor
Page 1 of 5
Features
• For GSM/EDGE applications
• Usable bandwidth 400 KHz
• Low loss
• Single-ended and differential operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
•
Package
Pin Configuration
Surface Mount 9.10 x 4.80 x 1.24 mm
Bottom View
SMP–35C
9
10
8
7
6
5
4
3
2
1
Pin No.
Description
10
Input
9
Input Return
5
Output
4
Output Return
1,2,3,6,7,8
Case Ground
9.10
0.69
2.54
1.00
0.80
2.54
4.80
1.50
1.24 NOM.
1.35 MAX.
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width +0.10mm/-0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb


Similar Part No. - 856444_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856440 TRIQUINT-856440_15 Datasheet
517Kb / 5P
1176 MHz SAW Filter
856441 TRIQUINT-856441 Datasheet
525Kb / 6P
881.5 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
856447 TRIQUINT-856447_15 Datasheet
378Kb / 5P
170.6 MHz SAW Filter
More results

Similar Description - 856444_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1086A RFM-SF1086A Datasheet
217Kb / 10P
125 MHz SAW Filter
logo
TriQuint Semiconductor
855884 TRIQUINT-855884 Datasheet
509Kb / 5P
125 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
KR Electronics, Inc.
2798 KR-2798 Datasheet
63Kb / 2P
125 MHz differential bandpass filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0467A TAI-SAW-TB0467A Datasheet
229Kb / 7P
IF SAW Filter 125 MHz (SMD 13.3mmX6.5mm)
logo
TriQuint Semiconductor
855884 TRIQUINT-855884_15 Datasheet
483Kb / 5P
125 MHz SAW Filter
logo
KR Electronics, Inc.
2587-125-1 KR-2587-125-1 Datasheet
105Kb / 3P
125 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0467B TAI-SAW-TB0467B Datasheet
210Kb / 8P
IF SAW Filter 125 MHz SMD 13.3mmX6.5mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com