Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856653 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856653
Description  1250 MHz Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856653 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856653_15 Datasheet HTML 1Page - TriQuint Semiconductor 856653_15 Datasheet HTML 2Page - TriQuint Semiconductor 856653_15 Datasheet HTML 3Page - TriQuint Semiconductor 856653_15 Datasheet HTML 4Page - TriQuint Semiconductor 856653_15 Datasheet HTML 5Page - TriQuint Semiconductor 856653_15 Datasheet HTML 6Page - TriQuint Semiconductor 856653_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
856653
1250 MHz Filter
Data Sheet: Rev. E 14-06-16
- 6 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Mechanical Information
Marking
code
Date code
JJJYM
logo
ID dot
TriQuint
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.20
3.00
0.60
3.00
DM
Package Style: SMP-12D
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
 μm, over a 2-6 μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±
 0.15 mm except overall length and
width ±
 0.10 mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M =
manufacturing site code
Notes:
1.
All dimensions shown are typical in millimeters
2.
An asterisk (*) in front of the marking code
indicates prototype.
Tape and Reel information
Standard T/R size = 5000 units
 / reel . All dimensions are in millimeters
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint
PCB Mounting Pattern
3.20 SQ
.38
.23
.81
.96
.81
1.39
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. This drawing specifies the mounting pattern used on the TriQuint evaluation
board for this product. Some modification may be necessary to suit end
user assembly materials and processes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com