Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856653 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # 856653
Description  1250 MHz Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856653 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  856653_15 Datasheet HTML 1Page - TriQuint Semiconductor 856653_15 Datasheet HTML 2Page - TriQuint Semiconductor 856653_15 Datasheet HTML 3Page - TriQuint Semiconductor 856653_15 Datasheet HTML 4Page - TriQuint Semiconductor 856653_15 Datasheet HTML 5Page - TriQuint Semiconductor 856653_15 Datasheet HTML 6Page - TriQuint Semiconductor 856653_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
856653
1250 MHz Filter
Data Sheet: Rev. E 14-06-16
- 7 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: 1A
Value:
Passes
 300 V min.
Test:
Human Body Model (HBM)
Standard:
ESDA/JEDEC JS-001-2012
ESD Rating: A
Value:
Passes
 150 V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with both lead-free (260
 °C maximum reflow
temperature)
and
tin/lead
(245
 °C
maximum
reflow
temperature) soldering processes.
Refer to Soldering Profile for recommended guidelines.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS directive
(Restrictions on the Use of Certain Hazardous Substances in
Electrical and Electronic Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com