Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856653 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856653
Description  1250 MHz Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856653 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856653_15 Datasheet HTML 1Page - TriQuint Semiconductor 856653_15 Datasheet HTML 2Page - TriQuint Semiconductor 856653_15 Datasheet HTML 3Page - TriQuint Semiconductor 856653_15 Datasheet HTML 4Page - TriQuint Semiconductor 856653_15 Datasheet HTML 5Page - TriQuint Semiconductor 856653_15 Datasheet HTML 6Page - TriQuint Semiconductor 856653_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
856653
1250 MHz Filter
Data Sheet: Rev. E 14-06-16
- 2 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
1. Operation of this device outside the parameter ranges given may
cause permanent damage.
Storage Temperature
(1)
-
 40 to + 85 °C
Operable Temperature
(1)
-
 40 to + 85 °C
Electrical Specifications
(1) (3)
Test conditions unless otherwise noted:
(2) Temperature Range 0 to + 70 °C
Parameter
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1250
MHz
Maximum Insertion Loss
1200
  –  1300 MHz
-
6.8
8
dB
Amplitude Variation
1200
– 1300 MHz
1200
– 1300 MHz (in any 8 MHz channel)
-
-
1.1
1.1
3.0
2.0
dB p-p
Group Delay Ripple
1200
– 1300 MHz
1200
– 1300 MHz (in any 8 MHz channel)
-
-
18
8
60
18
ns p-p
Attenuation
(5)
800
– 1052 MHz
1052
– 1152 MHz
1350
– 1450 MHz
1450
– 2000 MHz
45
40
20
40
55
50
25
50
-
-
-
-
dB
Input / Output Return Loss
1200 – 1300 MHz
-
9
-
dB
Test conditions unless otherwise noted:
(2) Temperature Range - 40 to + 85 °C
Parameter
Conditions
Min
Typical
(4)
Max
Units
Maximum Insertion Loss
1200
  – 1300 MHz
-
6.8
8.5
dB
Amplitude Variation
1200
– 1300 MHz
1200
– 1300 MHz (in any 8 MHz channel)
-
-
1.1
1.1
3.0
2.0
dB p-p
Group Delay Ripple
1200
– 1300 MHz
1200
– 1300 MHz (in any 8 MHz channel)
-
-
18
8
60
18
ns p-p
Attenuation
(5)
800
– 1052 MHz
1052
– 1152 MHz
1350
– 1450 MHz
1450
– 2000 MHz
45
40
20
40
55
50
25
50
-
-
-
-
dB
Input / Output Return Loss
1200
  – 1300 MHz
-
9
-
dB
Source/Load Im
pedance 
(6)
Balanced
-
200
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance
over temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to zero dB
6.
This is the optimum impedance in order to achieve the performance shown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com