Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7705 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7705
Description  Power MOSFET(Vdss=-30V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7705 Datasheet(HTML) 1 Page - International Rectifier

  IRF7705 Datasheet HTML 1Page - International Rectifier IRF7705 Datasheet HTML 2Page - International Rectifier IRF7705 Datasheet HTML 3Page - International Rectifier IRF7705 Datasheet HTML 4Page - International Rectifier IRF7705 Datasheet HTML 5Page - International Rectifier IRF7705 Datasheet HTML 6Page - International Rectifier IRF7705 Datasheet HTML 7Page - International Rectifier IRF7705 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
HEXFET® power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Inter-
national Rectifier is well known for,
provides the de-
signer with an extremely efficient and reliable device
for use in battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.2mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.
IRF7705
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile ( < 1.2mm)
l Available in Tape & Reel
TSSOP-8
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-8.0
ID @ TC = 70°C
Continuous Drain Current, VGS @ -10V
-6.0
A
IDM
Pulsed Drain Current

-30
PD @TC = 25°C
Power Dissipation
ƒ
1.5
PD @TC = 70°C
Power Dissipation
ƒ
0.96
Linear Derating Factor
0.012
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
83
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
06/05/01
PD - 94001A
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-30V
18 @VGS = -10V
-8.0A
30 @VGS = -4.5V
-6.0A
4 = G
3 = S
2 = S
1 = D
1
2
3
4
G
D
S
5
6
7
8
8 = D
7 = S
6 = S
5 = D


Similar Part No. - IRF7705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
logo
Vishay Siliconix
IRF7705PBF VISHAY-IRF7705PBF Datasheet
239Kb / 8P
Ultra Low On-Resistance
logo
International Rectifier
IRF7705PBF IRF-IRF7705PBF Datasheet
239Kb / 8P
Ultra Low On-Resistance
More results

Similar Description - IRF7705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
Power MOSFET(Vdss=30V, Id=11A)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-30V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com