Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS23N20D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS23N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.10ohm, Id=24A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS23N20D Datasheet(HTML) 1 Page - International Rectifier

  IRFS23N20D Datasheet HTML 1Page - International Rectifier IRFS23N20D Datasheet HTML 2Page - International Rectifier IRFS23N20D Datasheet HTML 3Page - International Rectifier IRFS23N20D Datasheet HTML 4Page - International Rectifier IRFS23N20D Datasheet HTML 5Page - International Rectifier IRFS23N20D Datasheet HTML 6Page - International Rectifier IRFS23N20D Datasheet HTML 7Page - International Rectifier IRFS23N20D Datasheet HTML 8Page - International Rectifier IRFS23N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Notes
 through … are on page 11
www.irf.com
1
4/26/00
IRFB23N20D
IRFS23N20D
IRFSL23N20D
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
200V
0.10
Ω
24A
PD- 93904A
D2Pak
IRFS23N20D
TO-220AB
IRFB23N20D
TO-262
IRFSL23N20D
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
24
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
17
A
IDM
Pulsed Drain Current

96
PD @TA = 25°C
Power Dissipation
‡
3.8
W
PD @TC = 25°C
Power Dissipation
170
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.3
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Typical SMPS Topologies
l Telecom 48V input Forward Converter


Similar Part No. - IRFS23N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS23N20DPBF IRF-IRFS23N20DPBF Datasheet
275Kb / 11P
SMPS MOSFET
IRFS23N20DPBF IRF-IRFS23N20DPBF Datasheet
284Kb / 12P
High frequency DC-DC converters
IRFS23N20DPBF IRF-IRFS23N20DPBF Datasheet
284Kb / 12P
High frequency DC-DC converters
IRFS23N20DPBF IRF-IRFS23N20DPBF_15 Datasheet
284Kb / 12P
High frequency DC-DC converters
IRFS23N20DTRLP IRF-IRFS23N20DTRLP Datasheet
284Kb / 12P
High frequency DC-DC converters
More results

Similar Description - IRFS23N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFD024 IRF-IRFD024 Datasheet
172Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com