Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16641 Datasheet(PDF) 1 Page - NEC

Part # UPD16641
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16641 Datasheet(HTML) 1 Page - NEC

  UPD16641 Datasheet HTML 1Page - NEC UPD16641 Datasheet HTML 2Page - NEC UPD16641 Datasheet HTML 3Page - NEC UPD16641 Datasheet HTML 4Page - NEC UPD16641 Datasheet HTML 5Page - NEC UPD16641 Datasheet HTML 6Page - NEC UPD16641 Datasheet HTML 7Page - NEC UPD16641 Datasheet HTML 8Page - NEC UPD16641 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD16641
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (64 GRAY SCALES)
1998
©
Document No. S10565EJ1V0DS00 (1st edition)
Date Published May 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPD16641 is a source driver for TFT-LCD 64 gray scale displays. Its logic circuit operates at 3.3 V and the
driver circuit operates at 3.3 or 5.0 V (selectable). The input data is digital data at 6 bits
× 3 dots, and 260,000 colors
can be displayed in 64-value outputs
γ-corrected by the internal D/A converter and 11 external power supplies.
Because the clock frequency is 33 MHzMIN, the
µPD16641 can be used in TFT-LCD panels conforming to the VGA
standards.
FEATURES
•
Precharge-less output buffer
•
64-value output by 11 external power supplies and internal D/A converter
•
Level of
γ-corrected power supply can be inverted
•
Output voltage range: 2.8 VP-PMAX. (at supply voltage VDD2 of driver circuit = 3.0 V)
4.3 VP-PMAX. (at supply voltage VDD2 of driver circuit = 4.5 V)
•
CMOS level input
•
6 bit (gray scale data)
× 3 dot input
•
High-speed data transfer: fmax. = 33 MHzMIN. (internal data transfer rate at supply voltage VDD1 of logic circuit = 3.0 V)
•
240 outputs
•
Supply voltage of driver circuit selectable (Vsel = H: 3.3 V, Vsel = L: 5.0 V)
•
Slim TCP
ORDERING INFORMATION
Part No.
Package
µPD16641N-×××
TCP (TAB package)
The TCP is custom-made. For details, consult NEC


Similar Part No. - UPD16641

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16641 RENESAS-UPD16641 Datasheet
322Kb / 21P
MOS INTEGRATED CIRCUIT
1996
UPD16641N-XXX RENESAS-UPD16641N-XXX Datasheet
322Kb / 21P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD16641

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com