Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30AS Datasheet(PDF) 10 Page - International Rectifier

Part # IRFBC30AS
Description  Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30AS Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFBC30AS Datasheet HTML 2Page - International Rectifier IRFBC30AS Datasheet HTML 3Page - International Rectifier IRFBC30AS Datasheet HTML 4Page - International Rectifier IRFBC30AS Datasheet HTML 5Page - International Rectifier IRFBC30AS Datasheet HTML 6Page - International Rectifier IRFBC30AS Datasheet HTML 7Page - International Rectifier IRFBC30AS Datasheet HTML 8Page - International Rectifier IRFBC30AS Datasheet HTML 9Page - International Rectifier IRFBC30AS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFBC30AS/L
10
www.irf.com
Tape & Reel Information
D2Pak
3
4
4
TR R
F EED D IRE CT IO N
1 .85 ( .0 73)
1 .65 ( .0 65)
1 .60 (.0 63)
1 .50 (.0 59)
4.10 ( .161)
3.90 ( .153)
TR L
F E ED DIR E CTIO N
10.90 (.429)
10.70 (.421)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532 )
12.80 (.504 )
330.00
( 14.173)
M AX.
2 7.4 0 (1.079 )
2 3.9 0 (.9 41)
60.0 0 (2.362)
M IN .
30.40 (1.197)
M A X.
26 .40 (1 .03 9)
24 .40 (.9 61 )
NO TE S :
1 . CO M F OR M S TO EIA-418 .
2 . CO NTROL LIN G DIM E NSIO N: M IL LIM ET ER .
3 . DIM E NS IO N M EASURED @ HUB.
4 . INCLUDES FL AN GE DIST ORT ION @ O UT E R EDGE.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 3.6A, di/dt ≤ 170A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting T
J = 25°C, L = 46mH
RG = 25Ω, IAS = 3.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Uses IRFBC30A data and test condi-
tions
* When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645
8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 5/00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com