Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30AS Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBC30AS
Description  Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30AS Datasheet(HTML) 1 Page - International Rectifier

  IRFBC30AS Datasheet HTML 1Page - International Rectifier IRFBC30AS Datasheet HTML 2Page - International Rectifier IRFBC30AS Datasheet HTML 3Page - International Rectifier IRFBC30AS Datasheet HTML 4Page - International Rectifier IRFBC30AS Datasheet HTML 5Page - International Rectifier IRFBC30AS Datasheet HTML 6Page - International Rectifier IRFBC30AS Datasheet HTML 7Page - International Rectifier IRFBC30AS Datasheet HTML 8Page - International Rectifier IRFBC30AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
5/4/00
IRFBC30AS/L
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified (See AN 1001)
VDSS
Rds(on) max
ID
600V
2.2
Ω
3.6A
Typical SMPS Topology:
l Single transistor Flyback
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V†
3.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V†
2.3
A
IDM
Pulsed Drain Current
†
14
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.69
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
7.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through … are on page 10
2
D
Pak
TO -262
PD- 91890B


Similar Part No. - IRFBC30AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC30AS VISHAY-IRFBC30AS Datasheet
850Kb / 8P
Power MOSFET
07-Jul-08
IRFBC30AS VISHAY-IRFBC30AS Datasheet
275Kb / 12P
Power MOSFET
30-May-11
IRFBC30AS VISHAY-IRFBC30AS Datasheet
274Kb / 12P
Power MOSFETs
30-May-11
IRFBC30ASPBF VISHAY-IRFBC30ASPBF Datasheet
850Kb / 8P
Power MOSFET
07-Jul-08
IRFBC30ASPBF VISHAY-IRFBC30ASPBF Datasheet
275Kb / 12P
Power MOSFET
30-May-11
More results

Similar Description - IRFBC30AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com