Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30AS Datasheet (PDF) - International Rectifier

Part # IRFBC30AS
Description  Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
File Size   147.97 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30AS Datasheet (PDF) - International Rectifier



Similar Part No. - IRFBC30AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC30AS VISHAY-IRFBC30AS Datasheet
850Kb / 8P
Power MOSFET
07-Jul-08
IRFBC30AS VISHAY-IRFBC30AS Datasheet
275Kb / 12P
Power MOSFET
30-May-11
IRFBC30AS VISHAY-IRFBC30AS Datasheet
274Kb / 12P
Power MOSFETs
30-May-11
IRFBC30ASPBF VISHAY-IRFBC30ASPBF Datasheet
850Kb / 8P
Power MOSFET
07-Jul-08
IRFBC30ASPBF VISHAY-IRFBC30ASPBF Datasheet
275Kb / 12P
Power MOSFET
30-May-11
More results


Similar Description - IRFBC30AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com