Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS131 Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THCS131
Description  No External Clock Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS131 Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THCS131 Datasheet HTML 2Page - THine Electronics, Inc. THCS131 Datasheet HTML 3Page - THine Electronics, Inc. THCS131 Datasheet HTML 4Page - THine Electronics, Inc. THCS131 Datasheet HTML 5Page - THine Electronics, Inc. THCS131 Datasheet HTML 6Page - THine Electronics, Inc. THCS131 Datasheet HTML 7Page - THine Electronics, Inc. THCS131 Datasheet HTML 8Page - THine Electronics, Inc. THCS131 Datasheet HTML 9Page - THine Electronics, Inc. THCS131 Datasheet HTML 10Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
THCS131_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
7/10
8bit Outout + Output Enable
Upper Output Enable
(CTL1)
Lower Output Enable
(CTL0)
Data Output
(DATA[7:0])
Upper 8bit data
Lower 8bit data
tWOE
tCLOE
tPZO
tPOZ
When receiving new incoming data during CTL0 or CTL1 = Low, output data is updated to this new data.
Latch Enable, Output Enable Truth Table
Transmitter mode
CTL1
CTL0
Latch Enable Input
L
L
Lower 8bit data is transmitted by sampling frequency
(8bit through mode)
H
Upper 8bit input latch
H
Lower 8bit input latch and 16-bit data reception
H
H
Keep data
The rising edge of CTL0 is the trigger for sampling of upper and lower data.
Receiver mode
CTL1
CTL0
Output Enable Input
L
L
Output disable
DATA pins are pulled up by 500kΩ internally)
L
H
Upper 8bit Output enable
H
L
Lower 8bit Output enable
H
H
Output disable
DATA pins are pulled up by 500kΩ internally)
Transmitter or Receiver select
Pin
Description
TXEN
RXEN
L
L
No function
L
H
Receiver mode (Serial to Parallel)
H
L
Transmitter mode (Parallel to Serial)
H
H
No function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com