Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS131 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THCS131
Description  No External Clock Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS131 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THCS131 Datasheet HTML 1Page - THine Electronics, Inc. THCS131 Datasheet HTML 2Page - THine Electronics, Inc. THCS131 Datasheet HTML 3Page - THine Electronics, Inc. THCS131 Datasheet HTML 4Page - THine Electronics, Inc. THCS131 Datasheet HTML 5Page - THine Electronics, Inc. THCS131 Datasheet HTML 6Page - THine Electronics, Inc. THCS131 Datasheet HTML 7Page - THine Electronics, Inc. THCS131 Datasheet HTML 8Page - THine Electronics, Inc. THCS131 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
THCS131_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
5/10
LVDS Input Output Differential Voltage
ION
ION
IOP
VOD
IOP
VID
VOC
Electrical Characteristic AC Characteristics (Reset Section)
Mark
Parameter
Condition
Min
Typ
Max
Unit
tRST
Time from Reset (RSTN) Release to
Valid Input
-
-
-
100
(Note)
us
tWRST
Reset (RSTN) Low Pulse Width
-
50
-
-
ns
Note : In AC coupling, tRST changes with the capacity to connect.
Timing Chart (Reset Section)
Rese t(RSTN) signal
Input Reset(RSTN)
Input data (DATA)
Output data(DATA)
500kΩpull up
Output Low
Valid data output
Valid data
tRST
tWRST
Output is controlled by signal of output enable (CTL0,CTL1).
A pull-up state is continued until it sets signal of output
enable to LOW.
Electrical Characteristic AC Characteristics (Serial Communication)
Mark
Item
Condition
Min
Typ
Max
Unit
fPSPL
Serializer Input Sampling Frequency
-
50
-
-
kHz
tPS
Time of Serializer Transmission
-
-
-
18
us
tSP
Deserializer Output Renewal Time
-
-
-
2
us
fSTR
Serial Data Transmission Rate
-
-
2.5
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com