Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS131 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCS131
Description  No External Clock Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS131 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCS131 Datasheet HTML 2Page - THine Electronics, Inc. THCS131 Datasheet HTML 3Page - THine Electronics, Inc. THCS131 Datasheet HTML 4Page - THine Electronics, Inc. THCS131 Datasheet HTML 5Page - THine Electronics, Inc. THCS131 Datasheet HTML 6Page - THine Electronics, Inc. THCS131 Datasheet HTML 7Page - THine Electronics, Inc. THCS131 Datasheet HTML 8Page - THine Electronics, Inc. THCS131 Datasheet HTML 9Page - THine Electronics, Inc. THCS131 Datasheet HTML 10Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
THCS131_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
6/10
Timing Chart
Transmitter Mode
Internal Register
Input (DATA[15:0])
Parallel Input[15:0]
Internal Sampling Clock
Serial Data Output
Serial Output
Serial Output
Receiver Mode
Serial Data Input
Serial Input
Serial Input
Internal Register
Output (DATA[15:0])
Parallel Output[15:0]
tPS
tSP
1/fPSPL
Internal sampling clock and CTL signals are asynchronous.
Electrical Characteristic AC Characteristics (Latch Enable, Output Enable)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tWLE
Latch Enable Pulse Width
-
130
-
-
ns
tSULE
Latch Enable Rise Edge Setup Time
-
133
-
-
ns
tHLE
Latch Enable Rise Edge Hold Time
-
20
-
-
ns
tCLLE1
Latch Enable Clearance1
-
100
-
-
ns
tCLLE2
Latch Enable Clearance2
-
20
-
-
us
tWOE
Output Enable Pulse Width
-
50
-
-
ns
tCLOE
Output Enable Clearance
-
50
-
-
ns
tPZO
Output Enable Delay Time
CL=25pF
-
-
50
ns
tPOZ
Output Disable Delay Time
CL=25pF
-
-
38
ns
Timing Chart (Latch Enable, Output Enable)
8bit Input + Latch Enable
Upper Latch Enable
(CTL1)
Lower Latch Enable
(CTL0)
Data Input
Upper 8bit data
Lower 8bit data
Upper 8bit data
(DATA[7:0])
tWLE
tSULE
tHLE
tCLLE2
tCLLE1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com