Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16664 Datasheet(PDF) 39 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 39 Page - NEC

Back Button UPD16664 Datasheet HTML 35Page - NEC UPD16664 Datasheet HTML 36Page - NEC UPD16664 Datasheet HTML 37Page - NEC UPD16664 Datasheet HTML 38Page - NEC UPD16664 Datasheet HTML 39Page - NEC UPD16664 Datasheet HTML 40Page - NEC UPD16664 Datasheet HTML 41Page - NEC UPD16664 Datasheet HTML 42Page - NEC UPD16664 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet S13780EJ1V0DS00
39
µµµµ PD16664
AC Characteristics 2 Drawing Access Timing
(Unless otherwise specified, VCC1 = 4.5 to 5.5 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = –20 to +70°C,
tr = tf = 5 ns)
{VCC2 = 3.0 to 3.6 V
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
/OE,/WE recovery time
tRY
30
ns
Address setup time
tAS
10
ns
Address hold time
tAH
20
ns
RDY output delay time
tRYR
CL = 15 pF
30
ns
RDY float time
Note 1
tRYZ
30
ns
Wait status time
Note 2
tRYW
35
ns
Ready status time (without conflict)
Note 2
tRYF1
60
100
ns
Ready status time (with conflict)
Note 2
tRYF2
650
1200
ns
Data access time (read cycle)
Note 3
tACS
100
ns
Data float time (read cycle)
Note 1
tHZ
40
ns
/CS - /OE time (read cycle)
tCSOE
10
ns
/OE - /CS time (read cycle)
tOECS
20
ns
Write pulse width 1 (write cycle 1)
Note 2
tWP1
50
ns
Write pulse width 2 (write cycle 2)
Note 2
tWP2
50
ns
Data setup time (write cycles 1, 2)
tDW
20
ns
Data hold time (write cycles 1, 2)
tDH
20
ns
/CS - /WE time (write cycles 1, 2)
tCSWE
10
ns
/WE - /CS time (write cycles 1, 2)
tWECS
20
ns
Reset pulse width
tWRES
100
ns
RDY - /OE time
tRDOE
Note 4
–
RDY - /WE time
tRDWE
Note 4
–
Notes 1. Load circuit
1.0 k
Ω
1.8 k
Ω
VCC2
5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com