Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16664 Datasheet(PDF) 2 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 2 Page - NEC

  UPD16664 Datasheet HTML 1Page - NEC UPD16664 Datasheet HTML 2Page - NEC UPD16664 Datasheet HTML 3Page - NEC UPD16664 Datasheet HTML 4Page - NEC UPD16664 Datasheet HTML 5Page - NEC UPD16664 Datasheet HTML 6Page - NEC UPD16664 Datasheet HTML 7Page - NEC UPD16664 Datasheet HTML 8Page - NEC UPD16664 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Data Sheet S13780EJ1V0DS00
2
µµµµ PD16664
1. PIN NAME
Classification
Pin Name
Note
I/O
Function
CPU interface
VCC2
D0-D15
A0-A16
/CS
/OE
/WE
/UBE
RDY
I/O
I
I
I
I
I
O
Data bus: 16 bits
Address bus: 17 bits
Chip select
Read signal
Write signal
Upper byte enable
Ready signal to CPU (“H”: ready)
Control signals
VCC2
PL0
PL1
DIR
DMODE
CMODE0,1
MS
BMODE
/REFRH
TEST
/RESET
/DOFF
OSC1
OSC2
I
I
I
I
I
I
I
I/O
I
I
I
–
–
Specifies LSI layout position (No. 0 to 3)
Specifies LSI layout position (No. 0 to 3)
Specifies liquid crystal panel layout position
Duty selection (“H” = 1/128 duty, “L” =1/160 duty)
Number of column outputs selection
Master/slave selection (“H”: master mode)
Data bus bit selection (“H” = 8 bits, “L” = 16 bits)
Self-diagnosis reset pin (wired-OR connection)
Test pin (“H” = test mode, with pull-down resistor)
Reset signal
Display OFF input signal
External resistor pin for oscillator
External resistor pin for oscillator
VCC1
STB
/FRM
PULSE
L1
L2
/DOUT
I/O
I/O
I/O
I/O
I/O
O
Column drive signal (MS pin “H” = output, MS pin “L” = input)
Frame signal (MS pin “H” = output, MS pin “L” = input)
25-level pulse modulation clock
Row driver drive level select signal (first line)
Row driver drive level select signal (second line)
Display OFF output signal
Liquid crystal drive
Y1-Y208
O
Liquid crystal drive output
Power
GND
VCC1
VCC2
V0
V1
V2
–
–
–
–
–
–
Ground (two pins for VCC1 system, three pins for VCC2 system)
Power supply for liquid crystal drive and row driver interface
Power supply for logic
Liquid crystal drive analog power
Liquid crystal drive analog power
Liquid crystal drive analog power
Note VCC2 system pins : D0 to D15, A0 to A16, /CS, /OE, /WE, /UBE, RDY, BMODE, PL0, PL1, DIR,
OSC1, OSC2, /RESET, /DOFF, TEST, MS, CMODE0, CMODE1, DMODE
VCC1 system pins : STB, /FRM, L1, L2, /DOUT, PULSE
Remark
/xxx indicates active low signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com