Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16664 Datasheet(PDF) 1 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 1 Page - NEC

  UPD16664 Datasheet HTML 1Page - NEC UPD16664 Datasheet HTML 2Page - NEC UPD16664 Datasheet HTML 3Page - NEC UPD16664 Datasheet HTML 4Page - NEC UPD16664 Datasheet HTML 5Page - NEC UPD16664 Datasheet HTML 6Page - NEC UPD16664 Datasheet HTML 7Page - NEC UPD16664 Datasheet HTML 8Page - NEC UPD16664 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS INTEGRATED CIRCUIT
µµµµ PD16664
144/160/184/208-OUTPUT LCD COLUMN (SEGMENT) DRIVER WITH RAM
DATA SHEET
Document No.
S13780EJ1V0DS00(1st edition)
Date Published
September 1999 NS CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µ PD16664 is a column (segment) driver with internal RAM and can drive a full-dot LCD. Equipped with
144/160/184/208-output pins and a display RAM of 208 x 160 x 2 bits, this driver can display any of four gray levels
selected from a 25-level palette. By using this IC in combination with the
µ PD16667, 144 x 128 pixels to 416 x 320
pixels can be displayed.
FEATURES
• Internal display RAM : 208 x 160 x 2 bits
• Logic voltage
: 2.4 to 3.6 V
• Duty
: 1/128, 1/160 selectable
• Number of outputs
: 144,160,184 and 208 pins selectable
• Display
: Four gray levels (selectable from 25-level palette)
• Memory management : Packed pixel method
• Supports 8/16-bit data bus
ORDERING INFORMATION
Part number
Package
µ PD16664N-xxx
TCP (TAB)
µ PD16664N-001
2/4-side Standard TCP
Remark
The TCP’s external shape is customized. To order the required shape, please contact an NEC
salesperson.


Similar Part No. - UPD16664

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16664 RENESAS-UPD16664 Datasheet
1Mb / 54P
MOS INTEGRATED CIRCUIT
1999
UPD16664N-001 RENESAS-UPD16664N-001 Datasheet
1Mb / 54P
MOS INTEGRATED CIRCUIT
1999
UPD16664N-XXX RENESAS-UPD16664N-XXX Datasheet
1Mb / 54P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16664

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
160 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com