Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN054 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN054
Description  POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.020ohm, Id=55A*)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN054 Datasheet(HTML) 1 Page - International Rectifier

  IRFN054 Datasheet HTML 1Page - International Rectifier IRFN054 Datasheet HTML 2Page - International Rectifier IRFN054 Datasheet HTML 3Page - International Rectifier IRFN054 Datasheet HTML 4Page - International Rectifier IRFN054 Datasheet HTML 5Page - International Rectifier IRFN054 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFN054
60V
0.020
Ω
55A*
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Light-weight
N-CHANNEL
Provisional Data Sheet No. PD-9.1543A
60 Volt, 0.020
Ω
Ω
Ω
Ω
Ω HEXFET
HEXFET technology is the key to International
Rectifier’s advanced line of power MOSFET transis-
tors. The efficient geometry achieves very low on-
state resistance combined with high transconductance.
HEXFET transistors also feature all of the well-es-
tablish advantages of MOSFETs, such as voltage
control, very fast switching, ease of paralleling and
electrical parameter temperature stability. They are
well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio
amplifiers, and high energy pulse circuits.
The Surface Mount Device (SMD-1) package repre-
sents another step in the continual evolution of sur-
face mount technology. The SMD-1 will give
designers the extra flexibility they need to increase
circuit board density. International Rectifier has en-
gineered the SMD-1 package to meet the specific
needs of the power market by increasing the size of
the termination pads, thereby enhancing thermal and
electrical performance.
IRFN054
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
IRFN054
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
55*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
40
IDM
Pulsed Drain Current Œ
256
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
480
mJ
IAR
Avalanche Current Œ
55
A
EAR
Repetitive Avalanche Energy Œ
15
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
4.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 seconds)
Weight
2.6 (typical)
g
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFN054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN054 IRF-IRFN054 Datasheet
219Kb / 7P
Simple Drive Requirements
logo
Seme LAB
IRFN054SMD SEME-LAB-IRFN054SMD Datasheet
23Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN054 IRF-IRFN054_15 Datasheet
219Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFN054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRFN044 IRF-IRFN044 Datasheet
211Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=44A)
IRFY044CM IRF-IRFY044CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
IRFZ44VS IRF-IRFZ44VS Datasheet
145Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com