Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN440 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN440
Description  POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN440 Datasheet(HTML) 1 Page - International Rectifier

  IRFN440 Datasheet HTML 1Page - International Rectifier IRFN440 Datasheet HTML 2Page - International Rectifier IRFN440 Datasheet HTML 3Page - International Rectifier IRFN440 Datasheet HTML 4Page - International Rectifier IRFN440 Datasheet HTML 5Page - International Rectifier IRFN440 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFN440
500V
0.85
Ω
8.0A
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Light-weight
N-CHANNEL
Provisional Data Sheet No. PD-9.1552
500 Volt, 0.85
Ω
Ω
Ω
Ω
Ω HEXFET
HEXFET technology is the key to International Rectifier’s
advanced line of power MOSFET transistors.The effi-
cient geometry achieves very low on-stateresistancecom-
binedwithhightransconductance.
HEXFET transistors also feature all of the well-establish
advantages of MOSFETs, such as voltage control, very
fast switching, ease of paralleling and electrical param-
eter temperature stability. They are well-suited for appli-
cations such as switching power supplies, motor controls,
inverters, choppers, audio amplifiers, and high energy
pulse circuits.
The Surface Mount Device (SMD-1) package represents
another step in the continual evolution of surface mount
technology. The SMD-1 will give designers the extra flex-
ibility they need to increase circuit board density. Inter-
national Rectifier has engineered the SMD-1 package to
meet the specific needs of the power market by increas-
ing the size of the termination pads, thereby enhancing
thermal and electrical performance.
IRFN440
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
IRFN440
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
8.0
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
5.0
IDM
Pulsed Drain Current Œ
32
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
700
mJ
IAR
Avalanche Current Œ
8.0
A
EAR
Repetitive Avalanche Energy Œ
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
3.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 seconds)
Weight
2.6 (typical)
g
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFN440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN440 IRF-IRFN440 Datasheet
184Kb / 7P
Simple Drive Requirements
IRFN440 IRF-IRFN440_15 Datasheet
184Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFN440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com