Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN450 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN450
Description  POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN450 Datasheet(HTML) 1 Page - International Rectifier

  IRFN450 Datasheet HTML 1Page - International Rectifier IRFN450 Datasheet HTML 2Page - International Rectifier IRFN450 Datasheet HTML 3Page - International Rectifier IRFN450 Datasheet HTML 4Page - International Rectifier IRFN450 Datasheet HTML 5Page - International Rectifier IRFN450 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFN450
500V
0.415
Ω
12A
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Light-weight
N-CHANNEL
Provisional Data Sheet No. PD-9.418A
500 Volt, 0.415
Ω
Ω
Ω
Ω
Ω HEXFET
HEXFET technology is the key to International Rectifier’s
advanced line of power MOSFET transistors.The effi-
cient geometry achieves very low on-stateresistancecom-
binedwithhightransconductance.
HEXFET transistors also feature all of the well-establish
advantages of MOSFETs, such as voltage control, very
fast switching, ease of paralleling and electrical param-
eter temperature stability. They are well-suited for appli-
cations such as switching power supplies, motor controls,
inverters, choppers, audio amplifiers, and high energy
pulse circuits.
The Surface Mount Device (SMD-1) package represents
another step in the continual evolution of surface mount
technology. The SMD-1 will give designers the extra flex-
ibility they need to increase circuit board density. Inter-
national Rectifier has engineered the SMD-1 package to
meet the specific needs of the power market by increas-
ing the size of the termination pads, thereby enhancing
thermal and electrical performance.
IRFN450
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
IRFN450
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
12.0
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
8.0
IDM
Pulsed Drain Current Œ
48
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
750
mJ
IAR
Avalanche Current Œ
12.0
A
EAR
Repetitive Avalanche Energy Œ
15.0
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
3.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 seconds)
Weight
2.6 (typical)
g
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFN450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
184Kb / 7P
POWER MOSFET SURFACE MOUNT(SMD-1)
IRFN450 IRF-IRFN450 Datasheet
185Kb / 7P
Simple Drive Requirements
IRFN450 IRF-IRFN450_15 Datasheet
185Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFN450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM7450SE IRF-IRHM7450SE Datasheet
122Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHM7460SE IRF-IRHM7460SE Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=18.8A)
IRHN7450SE IRF-IRHN7450SE Datasheet
111Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
JANTX2N6794 IRF-JANTX2N6794 Datasheet
226Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=3.0ohm, Id=1.5A)
JANTX2N6802 IRF-JANTX2N6802 Datasheet
231Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=2.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com