Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE310 Datasheet(PDF) 1 Page - TEMEX

Part # TE310
Description  For this product, full and detailed specifications can be delivered on request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TE310 Datasheet(HTML) 1 Page - TEMEX

  TE310 Datasheet HTML 1Page - TEMEX TE310 Datasheet HTML 2Page - TEMEX TE310 Datasheet HTML 3Page - TEMEX TE310 Datasheet HTML 4Page - TEMEX TE310 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Space Temperature Compensated Crystal Oscillator
TE 310
TCXO Series 310
March, 11th 2012
Specifications subject to change without notice
Shortform, 51000655.110, Issue A3
1 / 5
www.rakon.com
For this product, full and detailed specifications can be delivered on request.
Specific request can be addressed to RAKON info@rakon.fr
Product Description
This High performance ITAR Free Flat Pack TCXO provides a combination of
overall stability down to +/-0.5ppm, with low power consumption of 0,15W all
over temperature range up to -40..+85C° and excellent phase noise.
Major applications of this TCXO are transponders, GPS receivers, digital cards and
down and up converters.
Space Flat Pack TCXOs (25x25x13.2mm) are manufactured in accordance with MIL-PRF-55310 (Class 1, type 3, level S).
Features
• Frequency Range : 10MHz to 100 MHz
• Supply Voltage : +5V or +12V
• Low Consumption : 30 mA max
• Frequency
Stability
vs.
Operating
Temperature : from +/- 0.5ppm to +/–
5ppm
• Ageing : +/- 5ppm over 15 years
• Output Wave Form : square CMOS
compatible
• Hermetic case
• Component selected as per ECSS-Q-ST-60C
• Materials selected as per ECSS-Q-70
• Manufacturing in accordance with:
o
MIL-PRF-55310 (Class 1, type 3, level S,B)
o
ECSS-Q-ST-70-08C and ECSS-Q-ST-70-38C
Applications
• GPS receivers
• Converters
• Board calculators
• Synthesizers
• FGU
Specifications
1.0
Environmental conditions
Line
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Temperature option A
0
25
50
°C
Temperature option B
-20
25
70
°C
1.1
Operating Temperature
Temperature option C
-40
25
85
°C
1.2
Switch-on Temperature
TSo
-40
85
°C
1.3
Non-Operating Temperature
TNOp
- 55
125
°C
1.4
Random Vibration
Level as per MIL-STD-202), Method 214, Condition I-K (46,3 Grms)
1.5
Sine Vibration
Level as per MIL-STD-202), Method 204, Condition D (20G)
1.6
Shocks
Mechanical shock as per MIL-STD-202, Method 213, Condition E
(half sine with a peak acceleration of 1000g for duration of 0.5
msec)
1.7
Radiation
TID : 100 kRad, low dose rate
No SEL up to LET=60 MeV/mg/cm²


Similar Part No. - TE310

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
TE310 RAKON-TE310 Datasheet
746Kb / 5P
Space Temperature Compensated Crystal Oscillator
March, 11th 2012
TE310AA111 RAKON-TE310AA111 Datasheet
746Kb / 5P
Space Temperature Compensated Crystal Oscillator
March, 11th 2012
TE310AA211 RAKON-TE310AA211 Datasheet
746Kb / 5P
Space Temperature Compensated Crystal Oscillator
March, 11th 2012
TE310AB111 RAKON-TE310AB111 Datasheet
746Kb / 5P
Space Temperature Compensated Crystal Oscillator
March, 11th 2012
TE310AB211 RAKON-TE310AB211 Datasheet
746Kb / 5P
Space Temperature Compensated Crystal Oscillator
March, 11th 2012
More results

Similar Description - TE310

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
Specific request can be addressed to RAKON
RK115 TEMEX-RK115 Datasheet
379Kb / 4P
For this product, a full detailed specification can also be delivered on request
RK-408 TEMEX-RK-408 Datasheet
348Kb / 2P
For this product, full and detailed specifications can be delivered on request
RK-409 TEMEX-RK-409 Datasheet
589Kb / 7P
For this product, full and detailed specifications can be delivered on request
RK-410 TEMEX-RK-410 Datasheet
194Kb / 6P
For this product family, a full detailed specification can also be delivered on request
TE200 TEMEX-TE200 Datasheet
145Kb / 5P
For this product, full and detailed specifications can be delivered on request
TE300 TEMEX-TE300 Datasheet
225Kb / 5P
For this product, a full detailed specification can also be delivered on request
TE400 TEMEX-TE400 Datasheet
172Kb / 5P
For this product, full detailed specifications can be delivered on request
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com