Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE310 Datasheet(PDF) 3 Page - TEMEX

Part # TE310
Description  For this product, full and detailed specifications can be delivered on request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TE310 Datasheet(HTML) 3 Page - TEMEX

  TE310 Datasheet HTML 1Page - TEMEX TE310 Datasheet HTML 2Page - TEMEX TE310 Datasheet HTML 3Page - TEMEX TE310 Datasheet HTML 4Page - TEMEX TE310 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Space Temperature Compensated Crystal Oscillator
TE 310
TCXO Series 310
March, 11th 2012
Specifications subject to change without notice
Shortform, 51000655.110, Issue A3
3 / 5
www.rakon.com
4.0
Mechanical features
5.0
Pin description
Line
Pin number
Name
Function
5.1
1-3-7-12-14
GND
Electrical & Mechanical Ground
5.2
2
Vcc
Supply Voltage
5.3
4 – 5 - 8 - 9 – 10 - 11
NC
Do not connect
5.4
6
Radj
Calibration option 1
Resistor Adjustment
5.5
13
Fout
Frequency Output
Weight 25 grams



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com