Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE310 Datasheet(PDF) 5 Page - TEMEX

Part # TE310
Description  For this product, full and detailed specifications can be delivered on request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TE310 Datasheet(HTML) 5 Page - TEMEX

  TE310 Datasheet HTML 1Page - TEMEX TE310 Datasheet HTML 2Page - TEMEX TE310 Datasheet HTML 3Page - TEMEX TE310 Datasheet HTML 4Page - TEMEX TE310 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Space Temperature Compensated Crystal Oscillator
TE 310
TCXO Series 310
March, 11th 2012
Specifications subject to change without notice
Shortform, 51000655.110, Issue A3
5 / 5
www.rakon.com
10.0
Ordering part number definition
The part number breakdown is defined as follows:
Series
Supply voltage
1 = 5V
2 = 12V
Temperature range/Stability
A =
0°C to +50°C, ± 0.5 ppm
B = –20°C to +70°C, ± 1 ppm
C = –40°C to +85°C, ± 5 ppm
Model
A = EM
B = EQM full environmental testing
C = EQM reduced environmental testing
D = QM
E = FM level S
F = FM level S with combined BI-aging
G = FM level B
H = FM level B with combined BI-aging
I = FM + group C
TE 310
40M000000
Frequency, fnom
E A 1
Wave form
1 = Square AHCMOS
Frequency adjustment
1: ± 5 ppm
1 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com