Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16772 Datasheet(PDF) 1 Page - NEC

Part # UPD16772
Description  480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16772 Datasheet(HTML) 1 Page - NEC

  UPD16772 Datasheet HTML 1Page - NEC UPD16772 Datasheet HTML 2Page - NEC UPD16772 Datasheet HTML 3Page - NEC UPD16772 Datasheet HTML 4Page - NEC UPD16772 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999, 2000
MOS INTEGRATED CIRCUIT
µµµµPD16772
480-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 64-GRAY SCALES)
DATA SHEET
Document No. S14416EJ1V0DS00 (1st edition)
Date Published August 2000 NS CP (K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µ PD16772 is a source driver for TFT-LCDs capable of dealing with displays with 64-gray scales. Data input is
based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors
by output of 64 values
γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the
output dynamic range is as large as VSS2 + 0.1 V to VDD2 – 0.1 V, level inversion operation of the LCD’s common
electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line
inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit
whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a
clock frequency of 45 MHz when driving at 2.3 V, this driver is applicable to UXGA-standard TFT-LCD panels.
FEATURES
• CMOS level input (2.3 to 3.6 V)
• 480 outputs
• Input of 6 bits (gradation data) by 6 dots
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter (R-
DAC)
• Output dynamic range : VSS2 + 0.1 V to VDD2 – 0.1 V
• High-speed data transfer : fCLK = 45 MHz (internal data transfer speed when operating at VDD1 = 2.3 V)
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output voltage polarity inversion function (POL)
• Display data inversion function (POL21/22)
• Current consumption reduction function (LPC, Bcont)
• Logic power supply voltage (VDD1) : 2.3 to 3.6 V
• Driver power supply voltage (VDD2) : 8.5 V ± 0.5 V
ORDERING INFORMATION
Part Number
Package
µ PD16772N-xxx
TCP (TAB package)
Remark
The TCP’s external shape is customized. To order the required shape, so please contact one of our
sales representatives.


Similar Part No. - UPD16772

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
UPD16772A RENESAS-UPD16772A Datasheet
255Kb / 22P
MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD16772AN NEC-UPD16772AN Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
More results

Similar Description - UPD16772

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com