Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2897 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2897
Description  300 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2897 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2897 Datasheet HTML 1Page - KR Electronics, Inc. 2897 Datasheet HTML 2Page - KR Electronics, Inc. 2897 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2897, Rev 1, March 18, 2010
KR Electronics
KR 2897 is a 300 MHz bandpass filter. The 1 dB bandwidth is
98 MHz minimum. The filter is group delay and amplitude
equalized. Other center frequencies and bandwidths available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 300 MHz Center Frequency
 98 MHz min 1 dB Bandwidth
 Group Delay/Phase Equalized
 Elliptic Response
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2897

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2897 ADAFRUIT-2897 Datasheet
219Kb / 2P
2.1mm to 2.5mm DC Barrel Plug Adapter
logo
KR Electronics, Inc.
2897-SMA KR-2897-SMA Datasheet
75Kb / 3P
300 MHz Center Frequency
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
AutoBaud Technology
28970-BRF-001-A MA-COM-28970-BRF-001-A_15 Datasheet
308Kb / 2P
AutoBaud?줥echnology
logo
PHOENIX CONTACT
2897020 PHOENIX-2897020 Datasheet
470Kb / 11P
Digital module - IB IL DI 8/S0-PAC
Dec 9, 2022
More results

Similar Description - 2897

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2897-SMA KR-2897-SMA Datasheet
75Kb / 3P
300 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com