Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5820M53 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NE5820M53
Description  P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5820M53 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NE5820M53_15 Datasheet HTML 1Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 2Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 3Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 4Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 5Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 6Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 7Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NE5820M53
R09DS0005EJ0200 Rev.2.00
Page 4 of 6
May 20, 2011
Input Capacitance Cin (pF)
VOLTAGE GAIN vs. INPUT CAPACITANCE
VDD = 2 V
RL = 15 k
Ω
Vin = 10 mVrms
f = 1 kHz
0
–2
–4
–6
–8
01
2
3
4
5
6
Input Capacitance Cin (pF)
OUTPUT NOISE VOLTAGE
vs. INPUT CAPACITANCE
VDD = 2 V
RL = 15 k
Ω
Vin = 0 Vrms
–90
–100
–110
–120
01
2
3
4
5
6
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com