Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5820M53 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NE5820M53
Description  P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5820M53 Datasheet(HTML) 1 Page - Renesas Technology Corp

  NE5820M53_15 Datasheet HTML 1Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 2Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 3Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 4Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 5Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 6Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 7Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R09DS0005EJ0200 Rev.2.00
Page 1 of 6
May 20, 2011
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
PreliminaryData Sheet
NE5820M53
P-channel MOS Field Effect Transistor
for Impedance Converter of Microphone
DESCRIPTION
The NE5820M53 is a P-channel silicon MOSFET designed for use as impedance converter for microphone.
The package is a 3-pin thin-type lead-less minimold, suitable for high-density surface mounting.
FEATURES
• Low noise
: NV =
−114 dBV TYP. @VDD = 2.0 V, Cin = 3 pF, RL = 15 kΩ
• Low input capacitance
: Ciss = 1.5 pF TYP. @VDD = 2.0 V, RL = 15 k
Ω
• Low consumption current
: IDD = 85
μATYP. @VDD = 2.0 V, RL = 15 kΩ
• High-density surface mounting : 3-pin thin-type lead-less minimold (1.2 × 1.0 × 0.33 mm)
• Built-in the capacitor for RF noise immunity
• High ESD voltage
APPLICATIONS
• Microphone, Sensor etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Marking
Supplying Form
NE5820M53-T1
NE5820M53-T1-A
3-pin thin-type
lead-less minimold
(Pb-Free)
10 kpcs/reel
B8
• Embossed tape 8 mm wide
• Pin 3 face the perforation
side of the tape
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order: NE5820M53
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0005EJ0200
Rev.2.00
May 20, 2011


Similar Part No. - NE5820M53_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5820M53-T1 RENESAS-NE5820M53-T1 Datasheet
182Kb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
California Eastern Labs
NE5820M53-T1 CEL-NE5820M53-T1 Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53-T1-A CEL-NE5820M53-T1-A Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results

Similar Description - NE5820M53_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
California Eastern Labs
NE5820M53 CEL-NE5820M53 Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com