Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5820M53 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NE5820M53
Description  P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5820M53 Datasheet(HTML) 2 Page - Renesas Technology Corp

  NE5820M53_15 Datasheet HTML 1Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 2Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 3Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 4Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 5Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 6Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 7Page - Renesas Technology Corp NE5820M53_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE5820M53
R09DS0005EJ0200 Rev.2.00
Page 2 of 6
May 20, 2011
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Input Voltage
(IN-GND)
Vin
−0.8 to +0.8
V
Input Current
(IN-GND)
Iin
0.5
mA
Output Voltage
(OUT-GND)
Vout
−0.5 to +6
V
Output Current
(OUT-GND)
Iout
17
mA
Channel Temperature
Tch
130
°C
Operating Ambient Temperature
TA
−40 to +95
°C
Storage Temperature
Tstg
−65 to +150
°C
RECOMMENDED OPERATING RANGE (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
Note
VDD
1.0
2.0
10.0
V
Note: RL = 15 k
Ω
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, RL = 15 kΩ, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Consumption Current
IDD
VDD = 2 V, Vin = 0 V
60
85
105
μA
Input Capacitance
Ciss
VDD = 2 V, f = 1 MHz
−
1.5
−
pF
Voltage Gain
GV
VDD = 2 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
−4.5
−3.0
−
dB
Reduced Voltage Characteristics
ΔGVV
VDD = 2
→ 1.5 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
−
0.3
−
dB
Frequency Characteristics
ΔGVf
VDD = 2 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz
→ 110 Hz,
see TEST CIRCUIT
−
0.05
−
dB
Output Noise Voltage
NV
VDD = 2 V, Vin = 0 Vrms, Cin = 3 pF,
A-Curve,
see TEST CIRCUIT
−
−114
−
dBV
Total Harmonic Distortion
THD
VDD = 2 V, Vout = 30 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
−
0.1
−
%
TEST CIRCUIT
Voltage Gain, Frequency Characteristics, Output Noise Voltage, Total Harmonic Distortion
33 F
μ
15 k
Ω
Vin
3 pF
VDD
Vout
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com