Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC14RPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74AC14RPEL
Description  Hex Inverter Schmitt Trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC14RPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74AC14RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74AC14
REJ03D0250-0300 Rev.3.00 Aug 31, 2007
Page 3 of 6
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Sym-
bol
Vcc
(V)
min.
typ.
max.
min.
max.
Unit
Condition
3.0
—
—
2.2
—
2.2
4.5
—
—
3.2
—
3.2
VT
+
5.5
—
—
3.9
—
3.9
V
3.0
0.5
—
—
0.5
—
4.5
0.9
—
—
0.9
—
Positive threshold
voltage
VT
-
5.5
1.1
—
—
1.1
—
V
3.0
—
—
1.2
—
1.2
4.5
—
—
1.4
—
1.4
VH
(max)
5.5
—
—
1.6
—
1.6
V
3.0
0.3
—
—
0.3
—
4.5
0.4
—
—
0.4
—
Hysteresis voltage
VH
(min)
5.5
0.5
—
—
0.5
—
V
3.0
2.9
2.99
—
2.9
—
4.5
4.4
4.49
—
4.4
—
5.5
5.4
5.49
—
5.4
—
VIN = VIL or VIH, IOUT = –50
µA
3.0
2.58
—
—
2.48
—
IOH = –12 mA
4.5
3.94
—
—
3.80
—
IOH = –24 mA
VOH
5.5
4.94
—
—
4.80
—
VIN = VIL or VIH
IOH = –24 mA
3.0
—
0.002
0.1
—
0.1
4.5
—
0.001
0.1
—
0.1
5.5
—
0.001
0.1
—
0.1
VIN = VIL or VIH, IOUT = 50
µA
3.0
—
—
0.32
—
0.37
IOL = 12 mA
4.5
—
—
0.32
—
0.37
IOL = 24 mA
Output voltage
VOL
5.5
—
—
0.32
—
0.37
V
VIN = VIL or VIH
IOL = 24 mA
Input leakage
current
IIN
5.5
—
—
±0.1
—
±1.0
µA
VIN = VCC or GND
IOLD
5.5
—
—
—
86
—
mA
VOLD = 1.1 V
Dynamic output
current*
IOHD
5.5
—
—
—
–75
—
mA
VOHD = 3.85 V
Quiescent supply
current
ICC
5.5
—
—
4.0
—
40.0
µA
VIN = VCC or GND
*Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com