Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC14RPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74AC14RPEL
Description  Hex Inverter Schmitt Trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC14RPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74AC14RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REJ03D0250-0300 Rev.3.00 Aug 31, 2007
Page 1 of 6
HD74AC14
Hex Inverter Schmitt Trigger
REJ03D0250-0300
Rev.3.00
Aug 31, 2007
Description
The HD74AC14 contains six logic inverters which accept standard CMOS input signals and provide standard CMOS
output levels. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output
signals. In addition, they have a greater noise margin than conventional inverters.
The HD74AC14 has hysteresis between the positive-going and negative-going input thresholds (typically 1.0 V) which
is determined internally by transistor ratios and is essentially insensitive to temperature and supply voltage variations.
Features
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74AC14P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74AC14FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74AC14RPEL
SOP-14 pin
(JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74AC14TELL
TSSOP-20 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
VCC
(Top view)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com