Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC14RPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74AC14RPEL
Description  Hex Inverter Schmitt Trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC14RPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74AC14RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC14RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74AC14
REJ03D0250-0300 Rev.3.00 Aug 31, 2007
Page 4 of 6
AC Characteristics
Ta = +25°C
CL = 50 pF
Ta = –40°C to +85°C
CL = 50 pF
Item
Symbol
VCC (V)*
1
Min
Typ
Max
Min
Max
Unit
3.3
1.0
9.5
13.5
1.0
15.0
Propagation delay
tPLH
5.0
1.0
7.0
10.0
1.0
11.0
ns
3.3
1.0
7.5
11.5
1.0
13.0
Propagation delay
tPHL
5.0
1.0
6.0
8.5
1.0
9.5
ns
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
CIN
4.5
pF
VCC = 5.5 V
Power dissipation capacitance
CPD
25.0
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com