Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4586 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 8Page - STMicroelectronics AN4586 Datasheet HTML 9Page - STMicroelectronics AN4586 Datasheet HTML 10Page - STMicroelectronics AN4586 Datasheet HTML 11Page - STMicroelectronics AN4586 Datasheet HTML 12Page - STMicroelectronics AN4586 Datasheet HTML 13Page - STMicroelectronics AN4586 Datasheet HTML 14Page - STMicroelectronics AN4586 Datasheet HTML 15Page - STMicroelectronics AN4586 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
3-op amp instrumentation amplifier
AN4586
12/19
DocID026915 Rev 1
In Table 2 we can see that the 3-op amp instrumentation amplifier offers a better CMRR.
Moreover, it has a high input impedance thanks to the op amps in the first stage.
However, to amplify the signal properly, it is mandatory that the first stage is not saturated.
To achieve this, the following two conditions must be met:
with
Figure 7 highlights the consequences if these two conditions are not met. If the voltage
intersection of V1 and V2 is within the green area, the output voltage of the first op amp
stage is not saturated.
Figure 7 also specifies the area which is in linear configuration at the output of the
instrumentation amplifier. As well as the two conditions listed above, the input voltages have
to be compliant with the following condition:
Table 2. CMRR for 3-op amp instrumentation amplifier configuration
Resistor
inaccuracy (%)
CMRR (dB)
Rf/Rg = 2
Ry/Rx = 0.5
Gain = 2.5
Rf/Rg = 15
Ry/Rx = 0.5
Gain = 15.5
Rf/Rg = 100
Ry/Rx = 0.5
Gain = 100.5
10
25.5
41.3
57.5
1
45.5
61.3
77.5
0.1
65.5
81.3
97.5
Vccn
V2 V1
–
()
GRx
⋅
2Ry
-------------------
V1 V2
+
2
---------------------
Vccp
<
+
<
Vccn
V1 V2
–
()
GRx
⋅
2Ry
-------------------
V1 V2
+
2
---------------------
Vccp
<
+
<
G
Ry
Rx
-------
12
Rf
Rg
--------
+
⎝⎠
⎛⎞
=
Vccn
V2 V1
–
()GVccp
<<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com