Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4586 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 11Page - STMicroelectronics AN4586 Datasheet HTML 12Page - STMicroelectronics AN4586 Datasheet HTML 13Page - STMicroelectronics AN4586 Datasheet HTML 14Page - STMicroelectronics AN4586 Datasheet HTML 15Page - STMicroelectronics AN4586 Datasheet HTML 16Page - STMicroelectronics AN4586 Datasheet HTML 17Page - STMicroelectronics AN4586 Datasheet HTML 18Page - STMicroelectronics AN4586 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID026915 Rev 1
17/19
AN4586
Precision op amps
19
7
Precision op amps
Table 5 lists some precision op amps that might be used for differential to single-ended
measurements.
8
Conclusion
In this application note, we looked at the three main architectures that allow us to perform
differential measurements by rejecting the Vicm. Each has its own pros and cons such as a
better CMRR, simpler architecture, high input impedance, or a smaller offset on the output
voltage.
This document highlights the importance of having very accurate resistors. For precise
differential measurements, a 1 % resistor may be not enough. We also saw that a high
precision op amp is useful for limiting the offset on the output voltage.
Table 5. Some precision op amps
Part number
Vio max (µV)
Vcc range (V)
GBP (Hz)
TSZ121
5
1.8 to 5.5
400 k
TSV731
200
1.5 to 5.5
900 k
TSX711
200
2.7 to 16
2.7 M
TS512A
500
6 to 30
3 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com