Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4586 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 10Page - STMicroelectronics AN4586 Datasheet HTML 11Page - STMicroelectronics AN4586 Datasheet HTML 12Page - STMicroelectronics AN4586 Datasheet HTML 13Page - STMicroelectronics AN4586 Datasheet HTML 14Page - STMicroelectronics AN4586 Datasheet HTML 15Page - STMicroelectronics AN4586 Datasheet HTML 16Page - STMicroelectronics AN4586 Datasheet HTML 17Page - STMicroelectronics AN4586 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Summary
AN4586
14/19
DocID026915 Rev 1
5
Summary
Table 3 summarizes the main features of the three most flexible methods (based on op
amps) which amplify a differential voltage into a single-ended signal.
For the 3-op amp instrumentation amplifier, the offset due to the op amp Vio on the output
voltage is bigger compared to the other configurations. Consequently, it is recommended to
use a high precision op amp such as the TSZ121 (or the TSZ124 for a quad version). The
TSZ121 has a maximum Vio of 5 µV and thus it makes accurate measurements.
Table 3. Main features of the three most flexible methods for amplifying a differential voltage into
a single-ended signal
Differential
configuration
2-op amp
instrumentation
amplifier
3-op amp
instrumentation
amplifier
Differential gain
(Gdiff)
Gdiff including errors
Gcm including
resistor tolerance
CMRR due to resistor
inaccuracy
Example of CMRR
with gain = 100 and
resistor tolerance
= 1 %
68 dB
68 dB
74 dB if Rx = Ry
77.5 dB if Rx = 2Ry
Vicm limitation
must be included in
the op amp Vicm
range
V1 and V2 must ve
included within the
op amps Vicm range
Error on Vout due to
Vio
Zdiff
2Rg
∞(1)
∞(1)
Zcm
∞(1)
∞(1)
1. Only limited by op amp input impedance
Rf
Rg
--------
1
R
α
R
β
-------
+
1
Ry
Rx
-------
+
⎝⎠
⎛⎞ 12 Rf
Rg
--------
+
⎝⎠
⎛⎞
Rf
Rg
--------
1±2
ε
()
1
R
α
R
β
-------
+
⎝⎠
⎛⎞ 1±2ε
()
Ry
Rx
-------
12
Rf
Rg
--------
+
⎝⎠
⎛⎞ 12ε
instru
+
()
12
Rf
Rg
--------
+
⎝⎠
⎛⎞ 2ε
diff
+
Rf
Rg Rf
+
--------------------
4
ε
4
ε
Ry
Rx Ry
+
---------------------
4
εdiff
1
Rf
Rg
--------
+
4
ε
------------------
1
Rf
Rg
--------
+
4
ε
------------------
1
Ry
Rx
-------
+
⎝⎠
⎛⎞ 12 Rf
Rg
--------
+
⎝⎠
⎛⎞
4
ε
--------------------------------------------------
V2
Rf2
Rf2 Rg2
+
----------------------------
⋅
V1
Vcc
1
R
β
R
α
-------
+
-----------------
<
Vccn
V2 V1
–
()
GRx
⋅
2Ry
-------------------
V1 V2
+
2
---------------------
+
Vccp
<<
Vccn
V1 V2
–
()
GRx
⋅
2Ry
-------------------
V1 V2
+
2
---------------------
+
Vccp
<<
Vccn
V2 V1
–
()GVccp
<<
Vio 1
Rf
Rg
--------
+
⎝⎠
⎛⎞
2Vio 1
R
α
R
β
-------
+
⎝⎠
⎛⎞
Vio1 Vio2
–
()
Ry
Rx
-------
12
Rf
Rg
--------
+
⎝⎠
⎛⎞ Vio3 1 Ry
Rx
-------
+
⎝⎠
⎛⎞
–
Rg Rf
+
2
--------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com