Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PH50S Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PH50S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50S Datasheet(HTML) 2 Page - International Rectifier

  IRG4PH50S Datasheet HTML 1Page - International Rectifier IRG4PH50S Datasheet HTML 2Page - International Rectifier IRG4PH50S Datasheet HTML 3Page - International Rectifier IRG4PH50S Datasheet HTML 4Page - International Rectifier IRG4PH50S Datasheet HTML 5Page - International Rectifier IRG4PH50S Datasheet HTML 6Page - International Rectifier IRG4PH50S Datasheet HTML 7Page - International Rectifier IRG4PH50S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRG4PH50S
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
167
251
IC = 33A
Qge
Gate - Emitter Charge (turn-on)
25
38
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
55
83
VGE = 15V
td(on)
Turn-On Delay Time
32
tr
Rise Time
29
TJ = 25°C
td(off)
Turn-Off Delay Time
845 1268
IC = 33A, VCC = 960V
tf
Fall Time
425
638
VGE = 15V, RG = 5.0
Eon
Turn-On Switching Loss
1.80
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
19.6
mJ
See Fig. 9, 10, 14
Ets
Total Switching Loss
21.4
44
td(on)
Turn-On Delay Time
32
TJ = 150°C,
tr
Rise Time
30
IC = 33A, VCC = 960V
td(off)
Turn-Off Delay Time
1170
VGE = 15V, RG = 5.0
tf
Fall Time
1000
Energy losses include "tail"
Ets
Total Switching Loss
37
mJ
See Fig. 10,11,14
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
3600
VGE = 0V
Coes
Output Capacitance
160
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
30
—ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
——
VVGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
T 18
——
VVGE = 0V, IC = 1.0 A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
1.22
V/°CVGE = 0V, IC = 2.0 mA
1.47
1.7
IC = 33A
VGE = 15V
VCE(ON)
Collector-to-Emitter Saturation Voltage
1.75
IC = 57A
See Fig.2, 5
1.55
IC = 33A , TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
DVGE(th)/DTJ Temperature Coeff. of Threshold Voltage
-11
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
U
27
40
SVCE = 100V, IC = 33A
——
250
VGE = 0V, VCE = 1200V
——
2.0
VGE = 0V, VCE = 10V, TJ = 25°C
——
1000
VGE = 0V, VCE = 1200V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ICES
Zero Gate Voltage Collector Current
V
µA
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
T Pulse width ≤ 80µs; duty factor ≤ 0.1%.
U Pulse width 5.0µs, single shot.
Notes:
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 5.0Ω,
(See fig. 13a)
S Repetitive rating; pulse width limited by maximum
junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com