Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PH50S Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PH50S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50S Datasheet(HTML) 1 Page - International Rectifier

  IRG4PH50S Datasheet HTML 1Page - International Rectifier IRG4PH50S Datasheet HTML 2Page - International Rectifier IRG4PH50S Datasheet HTML 3Page - International Rectifier IRG4PH50S Datasheet HTML 4Page - International Rectifier IRG4PH50S Datasheet HTML 5Page - International Rectifier IRG4PH50S Datasheet HTML 6Page - International Rectifier IRG4PH50S Datasheet HTML 7Page - International Rectifier IRG4PH50S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7/7/2000
IRG4PH50S
PD -91712A
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current
57
IC @ TC = 100°C
Continuous Collector Current
33
A
ICM
Pulsed Collector Current
Q
114
ILM
Clamped Inductive Load Current
R
114
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
S
270
mJ
PD @ TC = 25°C
Maximum Power Dissipation
200
W
PD @ TC = 100°C
Maximum Power Dissipation
80
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
E
C
G
n-channel
TO-247AC
Features
Features
Features
Features
Features
• Standard: Optimized for minimum saturation
voltage and low operating frequencies ( < 1kHz)
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• Industry standard TO-247AC package
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBT's
Benefits
VCES =1200V
VCE(on) typ. = 1.47V
@VGE = 15V, IC = 33A
Standard Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.64
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6.0 (0.21)
–––
g (oz)
Thermal Resistance
www.irf.com
1


Similar Part No. - IRG4PH50S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50S-EPBF IRF-IRG4PH50S-EPBF Datasheet
225Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH50S-EPBF IRF-IRG4PH50S-EPBF Datasheet
225Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH50S-EPBF IRF-IRG4PH50S-EPBF_15 Datasheet
225Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH50SPBF IRF-IRG4PH50SPBF Datasheet
228Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH50SPBF IRF-IRG4PH50SPBF Datasheet
232Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PH50S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4PH30K IRF-IRG4PH30K Datasheet
161Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH40K IRF-IRG4PH40K Datasheet
157Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A)
IRG4PH40U IRF-IRG4PH40U Datasheet
163Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71K IRF-IRG4PSH71K Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRGP450U IRF-IRGP450U Datasheet
260Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=33A)
IRGPH50S IRF-IRGPH50S Datasheet
96Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=33A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com