Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PH50S Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PH50S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50S Datasheet(HTML) 5 Page - International Rectifier

  IRG4PH50S Datasheet HTML 1Page - International Rectifier IRG4PH50S Datasheet HTML 2Page - International Rectifier IRG4PH50S Datasheet HTML 3Page - International Rectifier IRG4PH50S Datasheet HTML 4Page - International Rectifier IRG4PH50S Datasheet HTML 5Page - International Rectifier IRG4PH50S Datasheet HTML 6Page - International Rectifier IRG4PH50S Datasheet HTML 7Page - International Rectifier IRG4PH50S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PH50S
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
15
Ω
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
V
, Collector-to-Emitter Voltage (V)
CE

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc

Cies

Coes

Cres
0
25
50
75
100
125
150
175
0
5
10
15
20
Q , Total Gate Charge (nC)
G

V
= 400V
I
= 33A
CC
C
0
10
20
30
40
50
21.0
22.0
23.0
24.0
25.0
R
, Gate Resistance (Ohm)
G

V
= 960V
V
= 15V
T
= 25
C
I
= 33A
CC
GE
J
C
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
1
10
100
1000
T , Junction Temperature ( C )
J
°

R
= 5Ohm
V
= 15V
V
= 960V
G
GE
CC

I =
A
66
C

I =
A
33
C

I =
A
16.5
C
5
Ω
RG , Gate Resistance
( Ω )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com