Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16856GS Datasheet(PDF) 3 Page - NEC

Part # UPD16856GS
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16856GS Datasheet(HTML) 3 Page - NEC

  UPD16856GS Datasheet HTML 1Page - NEC UPD16856GS Datasheet HTML 2Page - NEC UPD16856GS Datasheet HTML 3Page - NEC UPD16856GS Datasheet HTML 4Page - NEC UPD16856GS Datasheet HTML 5Page - NEC UPD16856GS Datasheet HTML 6Page - NEC UPD16856GS Datasheet HTML 7Page - NEC UPD16856GS Datasheet HTML 8Page - NEC UPD16856GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µµµµPD16856
Data Sheet S13447EJ1V0DS00
ELECTRICAL SPECIFICATIONS (UNLESS OTHERWISE SPECIFIED, TA = 25
°°°°C, VDD = 5 V, VM = 12 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
[General]
Current consumption 1 (during operation)
IDD
STB = VDD
1.5
3.0
mA
Current consumption (in standby)
IDD (ST)
STB = GND
1.0
µA
[ST/SP, STB, REV, FGsel]
Input voltage, high
VIH
1.8
VDD
V
Input voltage, low
VIL
0.8
V
Input pull-down resistor
RIND
120
k
Ω
[Controller block]
Triangle wave oscillation frequency
fPWM
CT = 100 pF
75
kHz
[Hole amplifier]
Common mode input voltage range
VHch
1.0
3.5
V
Hysteresis voltage
VHhys
VH = 2.5 V
15
mV
Input bias current
IHbias
1.0
µA
[Hole bias block]
Hole bias voltage
VHB
IHB = 10 mA
0.3
0.5
V
[FG output]
IND-pin voltage, high
VFG_H
IFG =
−2.5 mA
4.0
V
IND-pin voltage, low
VFG_L
IFG = +2.5 mA
0.5
V
[Output block]
Output on-state resistance (upper stage +
lower stage)
RON
IDR = 200 mA
TA =
−20°C to +75°C
1.3
1.8
Ω
Leakage current during OFF
IDR (OFF)
In standby
10
µA
Output turn-on time
tONH
1.0
2.0
µs
Output turn-off time
tOFFH
RM = 5
Ω
Star connection
1.0
2.0
µs
[Torque command]
Control reference input voltage range
ECR
0.3
4.0
V
Control input voltage range
EC
0.3
4.0
V
Input current
IIN
30
50
µA
Input voltage difference
ECR-EC
Note
DUTY = 100%
1.0
V
Dead zone (+)
EC_d+
1.5 V
≤ ECR ≤ 2.5 V
0
50
100
mV
Dead zone (
−)EC_d−
1.5 V
≤ ECR ≤ 2.5 V
0
−50
−100
mV
[Overcurrent detection block]
Input offset voltage
VIO
−15
+15
mV
Note Dead zone not included.
Remarks 1. The thermal shutdown circuit (T.S.D.) operates with TCH > 150
°C.
2. The low-voltage malfunction prevention circuit (UVLO) operates with a voltage of 4 VTYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com