Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16856GS Datasheet(PDF) 7 Page - NEC

Part # UPD16856GS
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16856GS Datasheet(HTML) 7 Page - NEC

Back Button UPD16856GS Datasheet HTML 3Page - NEC UPD16856GS Datasheet HTML 4Page - NEC UPD16856GS Datasheet HTML 5Page - NEC UPD16856GS Datasheet HTML 6Page - NEC UPD16856GS Datasheet HTML 7Page - NEC UPD16856GS Datasheet HTML 8Page - NEC UPD16856GS Datasheet HTML 9Page - NEC UPD16856GS Datasheet HTML 10Page - NEC UPD16856GS Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
µµµµPD16856
Data Sheet S13447EJ1V0DS00
STANDARD CHARACTERISTICS CURVES (UNLESS OTHERWISE SPECIFIED, TA = 25
°°°°C)
2.0
1.0
0
4.5
5.0
5.5
IDD (ST)
IDD
IDD and IDD (ST) vs. VDD Characteristics
50
40
30
20
10
0
4.5
5.0
5.5
IIN
IIN vs. VDD Characteristics (EC and ECR pins)
EC, ECR = 4 V
Controller block supply voltage VDD (V)
Controller block supply voltage VDD (V)
2.0
1.5
1.0
4.5
5.0
5.5
VIH
VIL
VIH and VIL vs. VDD Characteristics
(ST/SP, REV, STB, and FGsel pins)
20
15
10
4.5
5.0
5.5
VHhys
VHhys vs. VDD Characteristics
(Hole Amplifier Input)
VH = 2.5 V
Controller block supply voltage VDD (V)
Controller block supply voltage VDD (V)
100
50
0
4.5
5.0
5.5
fPWM
VIL
fPWM vs. VDD Characteristics
1.5
1.0
0.5
30
40
50
60
70
RON
RON vs. TA Characteristics
VDD = 5 V
Controller block supply voltage VDD (V)
Operating ambient temperature TA (V)
CT = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com