Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16856GS Datasheet(PDF) 1 Page - NEC

Part # UPD16856GS
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16856GS Datasheet(HTML) 1 Page - NEC

  UPD16856GS Datasheet HTML 1Page - NEC UPD16856GS Datasheet HTML 2Page - NEC UPD16856GS Datasheet HTML 3Page - NEC UPD16856GS Datasheet HTML 4Page - NEC UPD16856GS Datasheet HTML 5Page - NEC UPD16856GS Datasheet HTML 6Page - NEC UPD16856GS Datasheet HTML 7Page - NEC UPD16856GS Datasheet HTML 8Page - NEC UPD16856GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD16856
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
Document No. S13447EJ1V0DS00 (1st edition)
Date Published April 1999 N CP(K)
Printed in Japan
©
1999
The information in this document is subject to change without notice.
The
µPD16856 is a CD-ROM 3-phase spindle motor driver consisting of a CMOS controller and MOS bridge
outputs.
By employing 3-phase full-wave PWM as the drive method and MOS FETs at the output stage, it has been
possible to reduce the power consumption of the
µPD16856 ever further than the conventional linear drive drivers
that use bipolar transistors.
By using a 30-pin shrink SOP package, a more compact-size has been achieved.
FEATURES
•
Supply voltage for controller block: 5 V, supply voltage for output block: 12 V
3 V input available for the input interface
•
Low on-state resistance (total on-state resistance of upper and lower MOS FETs) RON = 1.3
Ω (TYP.)
•
Low power consumption due to 3-phase full-wave PWM drive method
•
On-chip hole bias switch (linked with STB pin)
•
On-chip IND (FG) pulse switching function, 1-phase output or 3-phase composite output
•
START/STOP pin included, acting as a brake during STOP
•
Standby pins included, turning off internal circuit in standby
•
Low current consumption: IDD = 3 mA (Max.), IDD (ST) = 1
µA (Max.)
•
On-chip thermal shutdown circuit
•
On-chip current limiting circuit; reference voltage can be set externally
•
On-chip low voltage malfunction prevention circuit
•
On-chip reverse rotation prevention circuit
•
30-pin plastic shrink SOP (300 mil)
ORDERING INFORMATION
Part Number
Package
µPD16856GS
30-pin shrink SOP (0.8-mm pitch, 300 mil)


Similar Part No. - UPD16856GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16856GS RENESAS-UPD16856GS Datasheet
229Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16856GS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
CD-ROM spindle motor driver
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
CD-ROM Spindle Motor Driver
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com